PART |
Description |
Maker |
PDTA115ES PDTA115E PDTC115EU PDTA115EE PDTA115EEF |
PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT416 (SC-75); Container: Tape reel smd PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system PDTA115E series; PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT883 (SC-101); Container: Tape reel smd
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PDTA123E PDTA123EE PDTA123EEF PDTA123EK PDTA123EU |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 2.2 k楼?, R2 = 2.2 k楼? PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
|
NXP Semiconductors
|
PEMD14 PUMD14 PEMD14-PUMD14-15 |
NPN/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open NPN-PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = open 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = open
|
NXP Semiconductors N.V.
|
PDTA144E PDTA144EE PDTA144EU PDTA144EU115 PDTA144E |
PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = 47 kOhm PNP配电阻型晶体管;R1=47千欧姆,R2=47千欧 PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 47 kΩ PNP resistor-equipped transistors; R1 = 47 k惟, R2 = 47 k惟
|
NXP Semiconductors N.V.
|
PDTA144TEF PDTA144TM |
PNP resistor-equipped transistors; R1 = 47 kohm, R2 = open 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = open
|
NXP Semiconductors N.V.
|
PEMD13 PUMD13 |
NPN-PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 47 kOhm NPN-PNP配电阻型晶体管,R1=4.7千欧姆,R2=47千欧 NPN/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = 47 kΩ NPN/PNP resistor-equipped transistors; R1 = 4.7 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
PEMD3 PEMD3_2 |
NPN/PNP RESISTOR-EQUIPPED TRANSISTORS; R1 = 10 KOHM, R2 = 10 KOHM From old datasheet system NPN/PNP resistor-equipped transistors; R1 = 10 kohm R2 = 10 kohm NPN/PNP resistor-equipped transistors; R1 = 10 kohm/ R2 = 10 kohm
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PEMB3 PEMB3_1 |
PNP resistor-equipped double transistor R1 = 4.7 kohm/ R2 = open PNP resistor-equipped double transistor R1 = 4.7 kohm, R2 = open From old datasheet system
|
Philips Semiconductors NXP Semiconductors
|
PEMB4 PEMB4_1 |
PNP resistor-equipped double transistor R1 = 10 kohm/ R2 = open From old datasheet system PNP resistor-equipped double transistor R1 = 10 kohm, R2 = open
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PDTC114E PDTC114EE PDTC114EEF PDTC114EK PDTC114EM |
100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236 NPN resistor-equipped transistors; R1 = 10 kOhm, R2 = 10 kOhm NPN配电阻型晶体R1=10千欧姆,R2=10千欧 NPN resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ NPN resistor-equipped transistor; R1 = 10 k楼?, R2 = 10 k楼?
|
NXP Semiconductors N.V.
|
PDTA143XE PDTA143XK |
PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
|
NXP Semiconductors
|